PART |
Description |
Maker |
891-006-25PT-BST 891-006-37PA1-BST 891-006-37PA2-B |
Nanominiature Connectors Double Row Thru Hole Vertical Mount Printed Circuit Board
|
Glenair, Inc.
|
AM29LV200T-100ECB AM29LV200T-100EE AM29LV200B-120E |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-33 RoHS Compliant: No 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO48 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
ATTINY12L-4SC ATTINY11-6PC ATTINY11-6PI ATTINY11-6 |
Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-3 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight ER 4C 4#12 PIN RECP 8-bit AVR Microcontroller with 1K Byte Flash 8-BIT, FLASH, 2 MHz, RISC MICROCONTROLLER, PDIP8 8-bit AVR Microcontroller with 1K Byte Flash 8-BIT, FLASH, 2 MHz, RISC MICROCONTROLLER, PDSO8 ER 4C 2#16 2#8 SKT RECP BOX 8位AVR微控制器,带K字节闪存 ER 4C 2#16 2#8 SKT RECP BOX 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel Corp. Atmel, Corp.
|
H26-13S-0.3SHW10 H26-13S-0.3SHW99 FH26-51S-0.3SHW1 |
13 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 51 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors 0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
|
Hirose Electric
|
ADC-318 ADC-318A |
8-Bit, 120MHz and 140MHz Full-Flash A/D Converter Circular Connector; No. of Contacts:85; Series:LJT00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:23-2 8-Bit/ 120MHz and 140MHz Full-Flash A/D Converter
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
W55F05 W55F10 W55F20 W55FXX |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 SERIAL FLASH EEPROM SERIES
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
CFS-50-A-SG-SM CFS-50-A-SG-SMT-B CFS-50-A-SG-SMT-C |
COMPACT FLASH SOCKETS STRADDLE MOUNT & SURFACE MOUNT
|
Adam Technologies, Inc.
|
IFM008A |
3/5 Volt Series 100 Flash Memory Miniature Card(3/5V 100系列闪速存储器微型 8M X 8 FLASH 3V PROM CARD, 100 ns, XMA60
|
Intel, Corp.
|
KC3225A5000C30E00 |
Clock Oscillators Surface Mount Type KC3225A-C3 Series (K25-3C Series)
|
Kyocera Kinseki Corpotation
|